| Moteur de recherche de fiches techniques de composants électroniques |
|
AP89341 Fiches technique(PDF) 8 Page - Aplus Intergrated Circuits |
|
|
|||||||||||||||||||||||||||||
AP89341 Fiches technique(HTML) 8 Page - Aplus Intergrated Circuits |
|
8 / 24 page ![]() Integrated Circuits Inc. aP89341/170/085 Ver 5.0 7 Aug 23, 2010 Fig. 7 Edge, Unholdable, Non-retrigger Fig. 8 Edge, Holdable Fig. 9 SBT sequential trigger with Edge Holdable and Unholdable TRIGGER MODES There are three trigger modes available for aP89341/170/085 series which are determined by setting M1 and M2 pins to logic HIGH or LOW. • Key Trigger Mode (M1=0; M0=0); • CPU Parallel Trigger Mode (M1=0; M0=1); • CPU Serial Command Mode (M1=1; M0=0); |