Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SD14-3R2-R Fiches technique(PDF) 5 Page - Cooper Bussmann, Inc.

No de pièce SD14-3R2-R
Description  SD Series High Power Density, Low Profile, Shielded Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  COOPER [Cooper Bussmann, Inc.]
Site Internet  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SD14-3R2-R Fiches technique(HTML) 5 Page - Cooper Bussmann, Inc.

  SD14-3R2-R Datasheet HTML 1Page - Cooper Bussmann, Inc. SD14-3R2-R Datasheet HTML 2Page - Cooper Bussmann, Inc. SD14-3R2-R Datasheet HTML 3Page - Cooper Bussmann, Inc. SD14-3R2-R Datasheet HTML 4Page - Cooper Bussmann, Inc. SD14-3R2-R Datasheet HTML 5Page - Cooper Bussmann, Inc. SD14-3R2-R Datasheet HTML 6Page - Cooper Bussmann, Inc. SD14-3R2-R Datasheet HTML 7Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SD Series
High Power Density,
Low Profile, Shielded Inductors
DC Current vs. Temperature
SD12-330
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
Idc (A)
SD12-470
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
Idc (A)
SD10-220
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
Idc (A)
SD10-471
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0.00
0.05
0.09
0.14
0.18
0.23
Idc (A)
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0.00
0.20
0.40
0.60
0.80
1.00
1.20
1.40
Idc (A)
SD14-150
SD14-102
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0.000 0.020 0.040 0.060 0.080 0.100 0.120 0.140 0.160 0.180 0.200
Idc (A)
SD18-100
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Idc (A)
SD18-101
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
Idc (A)
SD20-100
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0.0
0.4
0.8
1.2
1.6
2.0
2.4
Idc (A)
SD20-101
0.0
10.0
20.0
30.0
40.0
50.0
60.0
70.0
80.0
90.0
100.0
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
Idc (A)



Html Pages

1 2 3 4 5 6 7