| Moteur de recherche de fiches techniques de composants électroniques |
|
SD12-102-R Fiches technique(PDF) 2 Page - Cooper Bussmann, Inc. |
|
|
|||||||||||||||||||||||||||||
SD12-102-R Fiches technique(HTML) 2 Page - Cooper Bussmann, Inc. |
|
2 / 7 page ![]() (1) Open Circuit Inductance Test Parameters: 100KHz, 0.25Vrms, 0.0Adc. (2) RMS current for an approximate ∆T of 40°C without core loss. It is recommended that the temperature of the part not exceed 125°C. (3) SD10,12,18,25 Peak current for approximate 30% roll off at 20°C. SD14 Peak current for approximate 20% roll off at 20°C. (4) DCR limits @ 20°C. 5) Applied Volt-Time product (V-uS) across the inductor at 100kHz necessary to generate a core loss equal to 10% of the total losses for 40°C temperature rise. Part Number Rated OCL (1) Part Irms (2) Isat (3) DCR (4) Volt Inductance +/-20% Marking Amperes Amperes ( Ω) u-sec (µH) (µH) Typ. Typ. SD12-820-R 82.0 82.81 P 0.326 0.297 2.36 36.95 SD12-101-R 100 98.0 Q 0.308 0.273 2.64 40.19 SD12-151-R 150 151.3 R 0.251 0.220 3.96 49.94 SD12-221-R 220 222.0 S 0.229 0.181 4.76 60.49 SD12-331-R 330 334.9 T 0.186 0.148 7.25 74.30 SD12-471-R 470 462.3 U 0.167 0.126 8.95 87.29 SD12-681-R 680 670.8 V 0.149 0.104 11.30 105 SD12-821-R 820 800.9 W 0.129 0.095 14.93 115 SD12-102-R 1000 992.3 X 0.121 0.086 17.20 128 SD14-R58-R 0.58 0.61 A 3.52 4.84 0.0220 3.38 SD14-R87-R 0.87 0.88 B 3.2 3.96 0.0243 4.13 SD14-1R2-R 1.2 1.23 C 2.7 3.35 0.0344 4.88 SD14-1R5-R 1.5 1.63 D 2.53 2.91 0.0390 5.63 SD14-2R0-R 2 2.09 E 2.37 2.56 0.0445 6.38 SD14-2R5-R 2.5 2.62 F 2.05 2.29 0.0595 7.1 SD14-3R2-R 3.2 3.19 G 1.94 2.08 0.0663 7.9 SD14-4R5-R 4.5 4.53 H 1.64 1.74 0.0935 9.4 SD14-6R9-R 6.9 6.98 J 1.35 1.41 0.1363 11.6 SD14-8R8-R 8.8 8.88 K 1.14 1.25 0.1913 13.1 SD14-100-R 10 9.93 L 1.1 1.18 0.2058 13.9 SD14-150-R 15 14.68 M 0.98 0.969 0.2609 16.9 SD14-220-R 22 21.93 N 0.806 0.793 0.3853 20.6 SD14-330-R 33 32.55 O 0.654 0.651 0.5852 25.1 SD14-470-R 47 47.57 P 0.525 0.538 0.9055 30.4 SD14-680-R 68 68.21 Q 0.474 0.449 1.11 36 SD14-820-R 82 83 R 0.408 0.407 1.50 40 SD14-101-R 100 99.25 S 0.386 0.373 1.68 44 SD14-151-R 150 152.4 T 0.315 0.301 2.52 54 SD14-221-R 220 222 U 0.258 0.249 3.77 66 SD14-331-R 330 335.1 V 0.206 0.203 5.92 81 SD14-471-R 470 471.4 W 0.173 0.171 8.34 96 SD14-681-R 680 683.3 X 0.156 0.142 10.3 115 SD14-821-R 820 823.4 Y 0.134 0.129 13.9 126 SD14-102-R 1000 1008 Z 0.126 0.117 15.8 140 SD18-R47-R 0.47 0.49 A 3.58 4.63 0.0201 2.35 SD18-R82-R 0.82 0.81 B 3.24 3.60 0.0247 3.02 SD18-1R2-R 1.20 1.21 C 2.97 2.95 0.0294 3.70 SD18-1R5-R 1.50 1.69 D 2.73 2.49 0.0345 4.37 SD18-2R2-R 2.20 2.25 E 2.55 2.16 0.0398 5.04 SD18-3R3-R 3.30 3.61 F 2.07 1.71 0.0605 6.38 SD18-4R7-R 4.70 4.41 G 1.77 1.54 0.0824 7.06 SD18-6R2-R 6.20 6.25 H 1.61 1.30 0.1000 8.40 SD18-8R2-R 8.20 8.41 J 1.38 1.12 0.1351 9.74 SD18-100-R 10.0 10.89 K 1.28 0.982 0.1584 11.09 SD18-150-R 15.0 15.21 L 1.06 0.831 0.2278 13.10 SD18-220-R 22.0 22.09 M 0.876 0.689 0.3366 15.79 SD18-330-R 33.0 32.49 N 0.715 0.568 0.5057 19.15 SD18-470-R 47.0 47.61 O 0.578 0.470 0.7732 23.18 SD18-680-R 68.0 68.89 P 0.514 0.390 0.9798 27.89 SD18-820-R 82.0 82.81 Q 0.446 0.356 1.30 30.58 SD18-101-R 100 102.01 R 0.419 0.321 1.47 33.94 SD18-151-R 150 151.29 S 0.345 0.263 2.18 41.33 SD18-221-R 220 222.01 T 0.296 0.217 2.95 50.06 SD18-331-R 330 334.89 U 0.248 0.177 4.20 61.49 SD18-471-R 470 479.61 V 0.201 0.148 6.39 73.58 SD18-681-R 680 681.21 W 0.167 0.124 9.28 87.70 SD18-821-R 820 823.69 X 0.145 0.113 12.35 96.43 SD18-102-R 1000 1004 Y 0.136 0.102 14.01 107 SD Series High Power Density, Low Profile, Shielded Inductors |