| Moteur de recherche de fiches techniques de composants électroniques |
|
CA3028AM96 Fiches technique(PDF) 6 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
CA3028AM96 Fiches technique(HTML) 6 Page - Intersil Corporation |
|
6 / 10 page ![]() 6 FIGURE 9. TRANSFER CHARACTERISTIC (VOLTAGE GAIN) TEST CIRCUIT (10.7MHz) DIFFERENTIAL AMPLIFIER CONFIGURATION Test Circuits (Continued) ICUT 6 1 8 3 7 INPUT 0.01 µF 50 Ω 5 0.001 µF 2k Ω 0.01 µF 1k Ω LOAD 10 Ω OUTPUT 1k Ω VCC 10 µH Typical Performance Curves FIGURE 10. INPUT BIAS CURRENT vs TEMPERATURE FIGURE 11. QUIESCENT OPERATING CURRENT vs TEMPERATURE TEMPERATURE (oC) -75 -50 -25 0 25 50 75 100 125 0 12.5 25.0 37.5 50.0 VCC = +6V VEE = -6V VCC = +12V VEE = -12V POSITIVE DC SUPPLY VOLTS (VCC) NEGATIVE DC SUPPLY VOLTS (VEE) 62.5 75.0 TEMPERATURE (oC) -75 -50 -25 0 25 50 75 100 125 1.5 2.5 3.5 VEE = -9V VEE = -12V DIFFERENTIAL AMPLIFIER CONFIGURATION CA3028A |