Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6521 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce L6521
Description  Highly integrated ballast controller for TL and CFL
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6521 Fiches technique(HTML) 4 Page - STMicroelectronics

  L6521 Datasheet HTML 1Page - STMicroelectronics L6521 Datasheet HTML 2Page - STMicroelectronics L6521 Datasheet HTML 3Page - STMicroelectronics L6521 Datasheet HTML 4Page - STMicroelectronics L6521 Datasheet HTML 5Page - STMicroelectronics L6521 Datasheet HTML 6Page - STMicroelectronics L6521 Datasheet HTML 7Page - STMicroelectronics L6521 Datasheet HTML 8Page - STMicroelectronics L6521 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Pin connection
L6520, L6521
4/19
Doc ID 16998 Rev 3
2
Pin connection
Figure 2.
Pin connection
Table 2.
Pin description
Symbol
Pin
Description
FPRE
1
Preheating frequency programming and ignition modes selection
EOL
2
Window comparator input
HBCS
3
Current sensing input
PWM_det
4
Half bridge middle point monitor
GND
5
IC power and signal ground
LSD
6
Low side driver output
HSD
7
High side driver output
VCC
8
Power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19