Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M24C64-DF Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce M24C64-DF
Description  64-Kbit serial I짼C bus EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-DF Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button M24C64-DF Datasheet HTML 3Page - STMicroelectronics M24C64-DF Datasheet HTML 4Page - STMicroelectronics M24C64-DF Datasheet HTML 5Page - STMicroelectronics M24C64-DF Datasheet HTML 6Page - STMicroelectronics M24C64-DF Datasheet HTML 7Page - STMicroelectronics M24C64-DF Datasheet HTML 8Page - STMicroelectronics M24C64-DF Datasheet HTML 9Page - STMicroelectronics M24C64-DF Datasheet HTML 10Page - STMicroelectronics M24C64-DF Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
DocID16891 Rev 30
7/45
M24C64-W M24C64-R M24C64-F
44
Figure 2. 8-pin package connections, top view
1. See Section 9: Package mechanical data for package dimensions, and how to identify pin 1
Figure 3. UFDFPN5 package connections
Note:
Inputs E2, E1, E0 are not connected, therefore read as (000). Please refer to Section 2.3 for
further explanations.
Figure 4. 5-bump WLCSP connections (M24C64-FCS6TP/K)
Note:
Inputs E2, E1, E0 are internally connected to (001). Please refer to Section 2.3 for further
explanations.
Figure 5. 8-bump thin WLCSP connections (M24C64-DFCT6TP/K)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45