Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M24C64-FDW5TP Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce M24C64-FDW5TP
Description  64-Kbit serial I짼C bus EEPROM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-FDW5TP Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button M24C64-FDW5TP Datasheet HTML 11Page - STMicroelectronics M24C64-FDW5TP Datasheet HTML 12Page - STMicroelectronics M24C64-FDW5TP Datasheet HTML 13Page - STMicroelectronics M24C64-FDW5TP Datasheet HTML 14Page - STMicroelectronics M24C64-FDW5TP Datasheet HTML 15Page - STMicroelectronics M24C64-FDW5TP Datasheet HTML 16Page - STMicroelectronics M24C64-FDW5TP Datasheet HTML 17Page - STMicroelectronics M24C64-FDW5TP Datasheet HTML 18Page - STMicroelectronics M24C64-FDW5TP Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
DocID16891 Rev 30
15/45
M24C64-W M24C64-R M24C64-F
44
5.1.1
Byte Write
After the device select code and the address bytes, the bus master sends one data byte. If
the addressed location is Write-protected, by Write Control (WC) being driven high, the
device replies with NoAck, and the location is not modified. If, instead, the addressed
location is not Write-protected, the device replies with Ack. The bus master terminates the
transfer by generating a Stop condition, as shown in Figure 9.
Figure 9. Write mode sequences with WC = 0 (data write enabled)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45