Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KSC321G Fiches technique(PDF) 5 Page - ITT Industries

No de pièce KSC321G
Description  KSC Series Sealed Tact Switch for SMT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ITT [ITT Industries]
Site Internet  http://www.ittcannon.com
Logo ITT - ITT Industries

KSC321G Fiches technique(HTML) 5 Page - ITT Industries

  KSC321G Datasheet HTML 1Page - ITT Industries KSC321G Datasheet HTML 2Page - ITT Industries KSC321G Datasheet HTML 3Page - ITT Industries KSC321G Datasheet HTML 4Page - ITT Industries KSC321G Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Dimensions are shown: mm (inch)
Dimensions subject to change
www.ittcannon.com
B-24
B
KSC Series
Sealed Tact Switch for SMT
TAPE & REEL
FOR KSC4 FOR G TERMINATION
B
B
5,6
(.220)
6,7
±0,1
(.264
±.004)
12
±0,1
(.472
±.004)
2
±0,05
(.079
±.002)
4
±0,1
(.157
±.004)
ø1,5+0,1/-0,0
(.059+.004/-.000)
ø1,5+0,2/-0,0
(.059+.008/-.000)
0,4
±0,03
(.016
±.001)
2˚0'
R 1,15
(.045)
2,05
(.081)
0,15
±0,02
(.006
±.001)
2
±0,05
(.079
±.002)
FOR KSC4 FOR J TERMINATION
B
B
5,6
(.220)
6,7
±0,1
(.264
±.004)
12
±0,1
(.472
±.004)
2
±0,05
(.079
±.002)
4
±0,1
(.157
±.004)
ø1,5+0,1/-0,0
(.059+.004/-.000)
ø1,5+0,2/-0,0
(.059+.008/-.000)
0,4
±0,03
(.016
±.001)
2˚0'
R 1,15
(.045)
2,05
(.081)
0,15
±0,02
(.006
±.001)
2
±0,05
(.079
±.002)
B
B
A
A
12,0
(.472)
6,4
(.252)
3,0
(.118)
4,0
(.157)
ø1,5+0,1/-0,0
(.059+.004/-.000)
ø2+0,1/-0,0
(.079+.004/-.000)
2
±0,05
(.079
±.002)
7,7+0,1/-0,0
(.303.004/-.000)
2,5
(.098)
1,7
(.067)
15˚
0,4
±0,03
(.016
±.001)
4˚
15˚
0,1
2
±0,05
(.079
±.002)
FOR KSC6 G & J TERMINATION
Direction of feed
Direction of feed
Direction of feed
First Angle
Projection



Html Pages

1 2 3 4 5