Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

P82C42PC Fiches technique(PDF) 13 Page - Intel Corporation

No de pièce P82C42PC
Description  UNIVERSAL PERIPHERAL INTERFACE CHMOS 8-BIT SLAVE MICROCONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

P82C42PC Fiches technique(HTML) 13 Page - Intel Corporation

Back Button P82C42PC Datasheet HTML 9Page - Intel Corporation P82C42PC Datasheet HTML 10Page - Intel Corporation P82C42PC Datasheet HTML 11Page - Intel Corporation P82C42PC Datasheet HTML 12Page - Intel Corporation P82C42PC Datasheet HTML 13Page - Intel Corporation P82C42PC Datasheet HTML 14Page - Intel Corporation P82C42PC Datasheet HTML 15Page - Intel Corporation P82C42PC Datasheet HTML 16Page - Intel Corporation P82C42PC Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
UPI-C42UPI-L42
SYNC MODE TIMING DIAGRAMS
290414 – 15
Minimum Specifications
SYNC Operation Time tSYNC e 35 XTAL 2 Clock cycles Reset Time tRS e 4tCY
NOTE
The rising and falling edges of T0 should occur during low state of XTAL 2 clock
APPLICATIONS
290414 – 12
Figure 7 UPI-C42 Keyboard Controller
290414 – 9
Figure 8 8088-UPI-C42 Interface
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25