| Moteur de recherche de fiches techniques de composants électroniques |
|
LS80C88 Fiches technique(PDF) 22 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
LS80C88 Fiches technique(HTML) 22 Page - Intersil Corporation |
|
22 / 32 page ![]() 3-22 Waveforms FIGURE 24. BUS TIMING - MAXIMUM MODE (USING 82C88) NOTES: 18. RDY is sampled near the end of T2, T3, TW to determine if TW machine states are to be inserted. 19. Signals at 82C84A or 82C88 are shown for reference only. 20. Status inactive in state just prior to T4. 21. The issuance of the 82C88 command and control signals (MRDC, MWTC, AMWC, IORC, IOWC, AIOWC, INTA, and DEN) lags the active high 82C88 CEN. T1 T2 T3 T4 TCLCL TCH1CH2 TCL2CL1 TW TCHCL (3) (21) TCHSV (SEE NOTE 20) TCLDV TCLAX (23) TCLAV TCLAV A19-A16 TSVLH TCLLH TR1VCL TCHLL TCLR1X TCLAV TDVCL TCLDX1 TCLAX AD7-AD0 DATA IN TRYHSH (39) TCLRH TRHAV (41) TCHDTL TCLRL TRLRH TCHDTH (37) TAZRL TCLML TCLMH (35) TCVNV TCVNX CLK QS0, QS1 S2, S1, S0 (EXCEPT HALT) A19/S6-A16/S3 ALE (82C88 OUTPUT) RDY (82C84 INPUT) NOTES 18, 19 READY 80C86 INPUT) READ CYCLE 82C88 OUTPUTS SEE NOTES 19, 21 MRDC OR IORC DEN S6-S3 AD7-AD0 RD DT/R TCLAV (1) (4) (23) TCLCH (2) TCLSH (22) (24) (23) (27) (29) (31) (8) (9) TCHRYX (11) (20) (12) TRYLCL (24) TRYHCH (10) (6) (7) (23) (40) (42) (45) (38) (18) (19) (36) (33) TCLAZ (25) (5) A15-A8 A15-A8 80C88 |