Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S80C196KC Fiches technique(PDF) 22 Page - Intel Corporation

No de pièce S80C196KC
Description  COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

S80C196KC Fiches technique(HTML) 22 Page - Intel Corporation

Back Button S80C196KC Datasheet HTML 17Page - Intel Corporation S80C196KC Datasheet HTML 18Page - Intel Corporation S80C196KC Datasheet HTML 19Page - Intel Corporation S80C196KC Datasheet HTML 20Page - Intel Corporation S80C196KC Datasheet HTML 21Page - Intel Corporation S80C196KC Datasheet HTML 22Page - Intel Corporation S80C196KC Datasheet HTML 23Page - Intel Corporation S80C196KC Datasheet HTML 24Page - Intel Corporation S80C196KC Datasheet HTML 25Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
8XC196KC8XC196KC20
DC EPROM PROGRAMMING CHARACTERISTICS
Symbol
Description
Min
Max
Units
IPP
VPP Supply Current (When Programming)
100
mA
NOTE
Do not apply VPP until VCC is stable and within specifications and the oscillatorclock has stabilized or the device may be
damaged
EPROM PROGRAMMING WAVEFORMS
SLAVE PROGRAMMING MODE DATA PROGRAM MODE WITH SINGLE PROGRAM PULSE
270942 – 27
NOTE
P30 must be high (‘‘1’’)
SLAVE PROGRAMMING MODE IN WORD DUMP WITH AUTO INCREMENT
270942 – 28
NOTE
P30 must be low (‘‘0’’)
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25