| Moteur de recherche de fiches techniques de composants électroniques |
|
M80C286 Fiches technique(PDF) 56 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
M80C286 Fiches technique(HTML) 56 Page - Intel Corporation |
|
56 / 60 page ![]() M80C286 M80C286 INSTRUCTION SET SUMMARY (Continued) CLOCK COUNT COMMENTS Real Protected Real Protected FUNCTION FORMAT Address Virtual Address Virtual Mode Address Mode Address Mode Mode CONTROL TRANSFER CALL eCall Direct within segment 11101000 disp-low disp-high 7am7am2 18 Registermemory 11111111 mod010 r m 7 am 11am 7am 11am 28 8918 indirect within segment Direct intersegment 10011010 segment offset 13am26am 2 111218 Protected Mode Only (Direct intersegment) segment selector Via call gate to same privilege level 41am 8111218 Via call gate to different privilege level no parameters 82am 8111218 Via call gate to different privilege level x parameters 86 a4xam 8111218 Via TSS 177am 8111218 Via task gate 182am 8111218 Indirect intersegment 11111111 mod011 r m (modi11) 16am29am 2 89111218 Protected Mode Only (Indirect intersegment) Via call gate to same privilege level 44am 89111218 Via call gate to different privilege level no parameters 83 am 89111218 Via call gate to different privilege level x parameters 90a4x am 89111218 Via TSS 180am 89111218 Via task gate 185am 89111218 JMPeUnconditional jump Shortlong 11101011 disp-low 7am7am18 Direct within segment 11101001 disp-low disp-high 7am7a m18 Registermemory indirect within segment 11111111 mod100 r m 7 am 11am 7am 11am 2 918 Direct intersegment 11101010 segment offset 11am23am 111218 Protected Mode Only (Direct intersegment) segment selector Via call gate to same privilege level 38am 8111218 Via TSS 175am 8111218 Via task gate 180am 8111218 Indirect intersegment 11111111 mod101 r m (modi11) 15am 26am 2 89111218 Protected Mode Only (Indirect intersegment) Via call gate to same privilege level 41am 89111218 Via TSS 178am 89111218 Via task gate 183am 89111218 RETeReturn from CALL Within segment 11000011 11am11am 2 8918 Within seg adding immed to SP 11000010 data-low data-high 11am11am 2 8918 Intersegment 11001011 15am25am 2 89111218 Intersegment adding immediate to SP 11001010 data-low data-high 15am 2 89111218 Protected Mode Only (RET) To different privilege level 55am 9111218 56 |