Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LXT970ATC Fiches technique(PDF) 60 Page - Intel Corporation

No de pièce LXT970ATC
Description  Dual-Speed Fast Ethernet Transceiver
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

LXT970ATC Fiches technique(HTML) 60 Page - Intel Corporation

Back Button LXT970ATC Datasheet HTML 56Page - Intel Corporation LXT970ATC Datasheet HTML 57Page - Intel Corporation LXT970ATC Datasheet HTML 58Page - Intel Corporation LXT970ATC Datasheet HTML 59Page - Intel Corporation LXT970ATC Datasheet HTML 60Page - Intel Corporation LXT970ATC Datasheet HTML 61Page - Intel Corporation LXT970ATC Datasheet HTML 62Page - Intel Corporation LXT970ATC Datasheet HTML 63Page - Intel Corporation LXT970ATC Datasheet HTML 64Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 74 page
background image
LXT970A — Dual-Speed Fast Ethernet Transceiver
60
Datasheet
Figure 32. Auto Negotiation and Fast Link Pulse Timing
Figure 33. Fast Link Pulse Timing
Table 41. Auto Negotiation and Fast Link Pulse Timing Parameters
Parameter
Sym
Min
Typ
1
Max
Units
Test Conditions
Clock/Data pulse width
t1
–
100
–
ns
Clock pulse to Data pulse
t2
55.5
62.5
69.5
µs
Clock pulse to Clock pulse
t3
111
125
139
µs
FLP burst width
t4
–
2
–
ms
FLP burst to FLP burst
t5
8
12
24
ms
Clock/Data pulses per burst
–
17
–
33
ea
1. Typical values are at 25 °C and are for design aid only; not guaranteed and not subject to production testing.
TPOP
t1
t1
t2
t3
Clock Pulse
Data Pulse
Clock Pulse
TPOP
t4
t5
FLP Burst
FLP Burst



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74