Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

S83C196KB Fiches technique(PDF) 19 Page - Intel Corporation

No de pièce S83C196KB
Description  COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

S83C196KB Fiches technique(HTML) 19 Page - Intel Corporation

Back Button S83C196KB Datasheet HTML 14Page - Intel Corporation S83C196KB Datasheet HTML 15Page - Intel Corporation S83C196KB Datasheet HTML 16Page - Intel Corporation S83C196KB Datasheet HTML 17Page - Intel Corporation S83C196KB Datasheet HTML 18Page - Intel Corporation S83C196KB Datasheet HTML 19Page - Intel Corporation S83C196KB Datasheet HTML 20Page - Intel Corporation S83C196KB Datasheet HTML 21Page - Intel Corporation S83C196KB Datasheet HTML 22Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
8XC196KB8XC196KB16
DC OTPROM PROGRAMMING CHARACTERISTICS
Symbol
Description
Min
Max
Units
IPP
VPP Supply Current (When Programming)
100
mA
NOTE
Do not apply VPP until VCC is stable and within specifications and the oscillatorclock has stabilized or the device may be
damaged
OTPROM PROGRAMMING WAVEFORMS
SLAVE PROGRAMMING MODE DATA PROGRAM MODE WITH SINGLE PROGRAM PULSE
270909 – 15
SLAVE PROGRAMMING MODE IN WORD DUMP OR DATA VERIFY MODE WITH AUTO INCREMENT
270909 – 16
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22