Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

87C196KB Fiches technique(PDF) 4 Page - Intel Corporation

No de pièce 87C196KB
Description  COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

87C196KB Fiches technique(HTML) 4 Page - Intel Corporation

  87C196KB Datasheet HTML 1Page - Intel Corporation 87C196KB Datasheet HTML 2Page - Intel Corporation 87C196KB Datasheet HTML 3Page - Intel Corporation 87C196KB Datasheet HTML 4Page - Intel Corporation 87C196KB Datasheet HTML 5Page - Intel Corporation 87C196KB Datasheet HTML 6Page - Intel Corporation 87C196KB Datasheet HTML 7Page - Intel Corporation 87C196KB Datasheet HTML 8Page - Intel Corporation 87C196KB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
8XC196KB8XC196KB16
270909 – 3
Figure 3 68-Pin Package (PLCC Top View)
NOTE
The above pin out diagram applies to the OTP (87C196KB) device The OTP device uses all of the programming pins shown
above The ROM (83C196KB) device only uses programming pins AINC PALE PMODEn and PROG The ROMless
(80C196KB) doesn’t use any of the programming pins
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22