Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD5380 Fiches technique(PDF) 13 Page - Analog Devices

No de pièce AD5380
Description  40-Channel, 3 V/5 V, Single-Supply, 14-Bit, denseDAC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD5380 Fiches technique(HTML) 13 Page - Analog Devices

Back Button AD5380_15 Datasheet HTML 9Page - Analog Devices AD5380_15 Datasheet HTML 10Page - Analog Devices AD5380_15 Datasheet HTML 11Page - Analog Devices AD5380_15 Datasheet HTML 12Page - Analog Devices AD5380_15 Datasheet HTML 13Page - Analog Devices AD5380_15 Datasheet HTML 14Page - Analog Devices AD5380_15 Datasheet HTML 15Page - Analog Devices AD5380_15 Datasheet HTML 16Page - Analog Devices AD5380_15 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
Data Sheet
AD5380
Figure 7. Parallel Interface Timing Diagram
t18
t18
t19
t20
t13
t3
t2
t8
t13
t11
t9
t12
t0
t1
t15
t7
t6
t17
t16
t10
t14
t4
t5
REG0, REG1, A5...A0
CS
WR
DB13...DB0
BUSY
LDAC1
VOUT1
VOUT2
CLR
VOUT
LDAC2
1LDAC ACTIVE DURING BUSY.
2LDAC ACTIVE AFTER BUSY.
Rev. D | Page 13 of 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40