Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HFE21-G120/48-HT2-R Fiches technique(PDF) 6 Page - Hongfa Technology

No de pièce HFE21-G120/48-HT2-R
Description  MINIATURE HIGH POWER LATCHING RELAY
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HONGFA [Hongfa Technology]
Site Internet  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFE21-G120/48-HT2-R Fiches technique(HTML) 6 Page - Hongfa Technology

  HFE21-G120/48-HT2-R Datasheet HTML 1Page - Hongfa Technology HFE21-G120/48-HT2-R Datasheet HTML 2Page - Hongfa Technology HFE21-G120/48-HT2-R Datasheet HTML 3Page - Hongfa Technology HFE21-G120/48-HT2-R Datasheet HTML 4Page - Hongfa Technology HFE21-G120/48-HT2-R Datasheet HTML 5Page - Hongfa Technology HFE21-G120/48-HT2-R Datasheet HTML 6Page - Hongfa Technology HFE21-G120/48-HT2-R Datasheet HTML 7Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
@?
Qpogdi` Gdh`indjin
T`h\mfA 81 Li ^\n` ja ij ojg`m\i^` ncjri di jpogdi` _dh`indjiA jpogdi` _dh`indji a8hh3 ojg`m\i^` ncjpg_ ]` w758hhB jpogdi` _dh`indji c8hh
\i_ a<hh3 ojg`m\i^` ncjpg_ ]` w759hhB jpogdi` _dh`indji c<hh3 ojg`m\i^` ncjpg_ ]` w75;hh5
rdocjpo oc` o`midh\g3
Udibg` ^jdg
95;
;<
;475<
;<
94 8
B
B
T8
Vtk` M ^jio\^o o`mhdi\g
BGF?=A9 8=@9AE=BAE 5A8 I=D=A; 8=5;D5@
WidoA hh
8:5=
7
4758
>5:
94 95<`757<
:
;
9
;>5: 75:
<9 75;
:85< 75;
>58 75:
:475=; 758
:5; 75:
< 75:
87 75;
:: 75;
@7 ` 75<
8<5?`75;
85>
:475=; 758
F8
99 75;
8
;5<
94y= 75:
94y;59 75:
94y:59 75:
:> 75:



Html Pages

1 2 3 4 5 6 7