| Moteur de recherche de fiches techniques de composants électroniques |
|
82375EB Fiches technique(PDF) 4 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
82375EB Fiches technique(HTML) 4 Page - Intel Corporation |
|
4 / 131 page ![]() CONTENTS PAGE 3122 EPMRAEISA-TO-PCI MEMORY REGION ATTRIBUTES REGISTER 44 3123 MEMREGN 41 EISA-TO-PCI MEMORY REGION ADDRESS REGISTERS 45 3124 IOREGN 41 EISA-TO-PCI IO REGION ADDRESS REGISTERS 46 3125 BTMRBIOS TIMER BASE ADDRESS REGISTER 46 3126 ELTCREISA LATENCY TIMER CONTROL REGISTER 47 32 IO Registers 47 321 BIOSTMBIOS TIMER REGISTER 47 40 ADDRESS DECODING 48 41 PCI Cycle Address Decoding 50 411 MEMORY SPACE ADDRESS DECODING 51 4111 Main Memory Decoding (MEMCS ) 51 4112 BIOS Memory Space 54 4113 Subtractively And Negatively Decoded Cycles To EISA 54 412 PCEB CONFIGURATION REGISTERS 56 413 PCEB IO REGISTERS 56 414 POSITIVELY DECODED COMPATIBILITY IO REGISTERS 56 4141 ESC Resident PIC Registers 57 4142 EISA Resident IDE Registers 57 42 EISA Cycle Address Decoding 58 421 POSITIVELY DECODED MEMORY CYCLES TO MAIN MEMORY 58 422 PROGRAMMABLE EISA-TO-PCI MEMORY ADDRESS REGIONS 61 423 PROGRAMMABLE EISA-TO-PCI IO ADDRESS REGIONS 61 424 EXTERNAL EISA-TO-PCI IO ADDRESS DECODER 62 43 Palette DAC Snoop Mechanism 62 50 PCI INTERFACE 62 51 PCI Bus Transactions 63 511 PCI COMMAND SET 63 512 PCI CYCLE DESCRIPTIONS 64 5121 Interrupt Acknowledge 64 5122 Special Cycle 65 5123 IO Read 65 5124 IO Write 65 5125 Memory Read 66 5126 Memory Write 67 5127 Configuration Read Configuration Write 67 5128 Memory Read Multiple 68 4 |