Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

82374EB Fiches technique(PDF) 2 Page - Intel Corporation

No de pièce 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Fiches technique(HTML) 2 Page - Intel Corporation

  82374EB Datasheet HTML 1Page - Intel Corporation 82374EB Datasheet HTML 2Page - Intel Corporation 82374EB Datasheet HTML 3Page - Intel Corporation 82374EB Datasheet HTML 4Page - Intel Corporation 82374EB Datasheet HTML 5Page - Intel Corporation 82374EB Datasheet HTML 6Page - Intel Corporation 82374EB Datasheet HTML 7Page - Intel Corporation 82374EB Datasheet HTML 8Page - Intel Corporation 82374EB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 208 page
background image
82374EB82374SB
This document describes both the 82374EB and 82374SB components Unshaded areas describe the
82374EB Shaded areas like this one describe the 82374SB operations that differ from the 82374EB
The 82374EBSB EISA System Component (ESC) provides all the EISA system compatible functions The
ESC with the PCEB provide all the functions to implement an EISA-to-PCI bridge and EISA IO subsystem
The ESC integrates the common IO functions found in today’s EISA-based PC systems The ESC incorp-
orates the logic for an EISA (master and slave) interface EISA bus controller enhanced seven channel DMA
controller with scatter-gather support EISA arbitration 14 channel interrupt controller Advanced Programma-
ble Interrupt Controller (APIC) five programmable timercounters and non-maskable-interrupt (NMI) control
logic The ESC also integrates support logic to decode peripheral devices such as the Flash BIOS real time
clock keyboardmouse controller floppy controller two serial ports one parallel port and IDE hard disk drive
The 82374SB also contains support for SMM power management
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More