Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

80L186EC13 Fiches technique(PDF) 16 Page - Intel Corporation

No de pièce 80L186EC13
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

80L186EC13 Fiches technique(HTML) 16 Page - Intel Corporation

Back Button 80L186EC13 Datasheet HTML 12Page - Intel Corporation 80L186EC13 Datasheet HTML 13Page - Intel Corporation 80L186EC13 Datasheet HTML 14Page - Intel Corporation 80L186EC13 Datasheet HTML 15Page - Intel Corporation 80L186EC13 Datasheet HTML 16Page - Intel Corporation 80L186EC13 Datasheet HTML 17Page - Intel Corporation 80L186EC13 Datasheet HTML 18Page - Intel Corporation 80L186EC13 Datasheet HTML 19Page - Intel Corporation 80L186EC13 Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 57 page
background image
80C186EC188EC 80L186EC188EC
Table 4 PQFP Pin Locations with Pin Name
Pin
Name
1
DRQ3
2
T0OUT
3
T0IN
4
T1OUT
5
T1IN
6
CLKOUT
7
RESOUT
8
RESIN
9
PDTMR
10
CLKIN
11
OSCOUT
12
VSS
13
VCC
14
VCC
15
VSS
16
P20RXD0
17
P21TXD0
18
P22BCLK0
19
P23CTS0
20
P24RXD1
21
P25TXD1
22
P26BCLK1
23
P27CTS1
24
P30RXI1
25
P31TXI1
Pin
Name
26
DMAI0P32
27
DMAI1P33
28
P34
29
P35
30
INT0
31
INT1
32
INT2
33
INT3
34
INTA
35
NCS (NC)
36
WDTOUT
37
VSS
38
VCC
39
VSS
40
INT4
41
INT5
42
INT6
43
INT7
44
HOLD
45
HLDA
46
DTR
47
DEN
48
LOCK
49
WR
50
RD
Pin
Name
51
BHE (RFSH)
52
ALE
53
AD15 (A15)
54
AD14 (A14)
55
AD13 (A13)
56
AD12 (A12)
57
AD11 (A11)
58
AD10 (A10)
59
AD9 (A9)
60
AD8 (A8)
61
VSS
62
VCC
63
AD7
64
AD6
65
AD5
66
AD4
67
VCC
68
VSS
69
VCC
70
AD3
71
AD2
72
AD1
73
AD0
74
A19S6ONCE
75
A18S5
Pin
Name
76
A17S4
77
A16S3
78
S0
79
S1
80
S2
81
PEREQ (VSS)
82
NMI
83
TEST
84
ERROR (VCC)
85
READY
86
VCC
87
VSS
88
UCS
89
LCS
90
P17GCS7
91
P16GCS6
92
P15GCS5
93
P14GCS4
94
P13GCS3
95
P12GCS2
96
P11GCS1
97
P10GCS0
98
DRQ0
99
DRQ1
100
DRQ2
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57