Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

80C188EC13 Fiches technique(PDF) 49 Page - Intel Corporation

No de pièce 80C188EC13
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

80C188EC13 Fiches technique(HTML) 49 Page - Intel Corporation

Back Button 80C188EC13 Datasheet HTML 45Page - Intel Corporation 80C188EC13 Datasheet HTML 46Page - Intel Corporation 80C188EC13 Datasheet HTML 47Page - Intel Corporation 80C188EC13 Datasheet HTML 48Page - Intel Corporation 80C188EC13 Datasheet HTML 49Page - Intel Corporation 80C188EC13 Datasheet HTML 50Page - Intel Corporation 80C188EC13 Datasheet HTML 51Page - Intel Corporation 80C188EC13 Datasheet HTML 52Page - Intel Corporation 80C188EC13 Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 57 page
background image
80C186EC188EC 80L186EC188EC
272434 – 23
NOTES
1 READY must be low by either edge to cause a wait state
2 Lighter lines indicate READ cycles darker lines indicate WRITE cycles
Pin names in parentheses apply to 80C188EC80L188EC
Figure 24 READY Cycle Waveforms
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57