Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

80C188EB13 Fiches technique(PDF) 57 Page - Intel Corporation

No de pièce 80C188EB13
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

80C188EB13 Fiches technique(HTML) 57 Page - Intel Corporation

Back Button 80C188EB13 Datasheet HTML 51Page - Intel Corporation 80C188EB13 Datasheet HTML 52Page - Intel Corporation 80C188EB13 Datasheet HTML 53Page - Intel Corporation 80C188EB13 Datasheet HTML 54Page - Intel Corporation 80C188EB13 Datasheet HTML 55Page - Intel Corporation 80C188EB13 Datasheet HTML 56Page - Intel Corporation 80C188EB13 Datasheet HTML 57Page - Intel Corporation 80C188EB13 Datasheet HTML 58Page - Intel Corporation 80C188EB13 Datasheet HTML 59Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 57 / 59 page
background image
80C186EB80C188EB 80L186EB80L188EB
INSTRUCTION SET SUMMARY (Continued)
80C186EB
80C188EB
Function
Format
Clock
Clock
Comments
Cycles
Cycles
CONTROL TRANSFER
(Continued)
RET e Return from CALL
Within segment
11000011
16
20
Within seg adding immed to SP
11000010
data-low
data-high
18
22
Intersegment
11001011
22
30
Intersegment adding immediate to SP
11001010
data-low
data-high
25
33
JEJZ e
Jump on equalzero
01110100
disp
413
413
JMP not
JLJNGE e
Jump on lessnot greater or equal
01111100
disp
413
413
takenJMP
JLEJNG e
Jump on less or equalnot greater
01111110
disp
413
413
taken
JBJNAE e
Jump on belownot above or equal
01110010
disp
413
413
JBEJNA e
Jump on below or equalnot above
01110110
disp
413
413
JPJPE e
Jump on parityparity even
01111010
disp
413
413
JO e
Jump on overflow
01110 000
disp
413
413
JS e
Jump on sign
01111000
disp
413
413
JNEJNZ e
Jump on not equalnot zero
01110101
disp
413
413
JNLJGE e
Jump on not lessgreater or equal
01111101
disp
413
413
JNLEJG e
Jump on not less or equalgreater
01111111
disp
413
413
JNBJAE e
Jump on not belowabove or equal
01110011
disp
413
413
JNBEJA e
Jump on not below or equalabove
01110111
disp
413
413
JNPJPO e
Jump on not parpar odd
01111011
disp
413
413
JNO e
Jump on not overflow
01110001
disp
413
413
JNS e
Jump on not sign
01111001
disp
413
413
JCXZ e
Jump on CX zero
11100011
disp
515
515
LOOP e
Loop CX times
11100010
disp
616
616
LOOP not
LOOPZLOOPE e
Loop while zeroequal
11100001
disp
616
616
takenLOOP
LOOPNZLOOPNE e
Loop while not zeroequal
11100000
disp
616
616
taken
ENTER e
Enter Procedure
11001000
data-low
data-high
L
L e 0
15
19
L e 1
25
29
L l 1
22a16(nb1)
26a20(nb1)
LEAVE e
Leave Procedure
11001001
8
8
INT e Interrupt
Type specified
11001101
type
47
47
Type 3
11001100
45
45
if INT taken
INTO e
Interrupt on overflow
11001110
484
484
if INT not
taken
IRET e
Interrupt return
11001111
28
28
BOUND e
Detect value out of range
01100010
mod reg r m
33–35
33–35
Shaded areas indicate instructions not available in 80868088 microsystems
NOTE
Clock cycles shown for byte transfers For word operations add 4 clock cycles for all memory transfers
57
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59