Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

80C186EB13 Fiches technique(PDF) 15 Page - Intel Corporation

No de pièce 80C186EB13
Description  16-BIT HIGH-INTEGRATION EMBEDDED PROCESSORS
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

80C186EB13 Fiches technique(HTML) 15 Page - Intel Corporation

Back Button 80C186EB13 Datasheet HTML 11Page - Intel Corporation 80C186EB13 Datasheet HTML 12Page - Intel Corporation 80C186EB13 Datasheet HTML 13Page - Intel Corporation 80C186EB13 Datasheet HTML 14Page - Intel Corporation 80C186EB13 Datasheet HTML 15Page - Intel Corporation 80C186EB13 Datasheet HTML 16Page - Intel Corporation 80C186EB13 Datasheet HTML 17Page - Intel Corporation 80C186EB13 Datasheet HTML 18Page - Intel Corporation 80C186EB13 Datasheet HTML 19Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 59 page
background image
80C186EB80C188EB 80L186EB80L188EB
Table 5 PLCC Package Locations with Pin Name
Location
Name
1VCC
2VSS
3
ERROR (NC)
4RD
5WR
6
ALE
7
BHE (RFSH)
8S2
9S1
10
S0
11
DEN
12
HLDA
13
HOLD
14
TEST BUSY
15
LOCK
16
DTR
17
NMI
18
READY
19
P17GCS7
20
P16GCS6
21
P15GCS5
Location
Name
22
VSS
23
VCC
24
P14GCS4
25
P13GCS3
26
P12GCS2
27
P11GCS1
28
P10GCS0
29
LCS
30
UCS
31
INT0
32
INT1
33
INT2INTA0
34
INT3INTA1
35
INT4
36
PDTMR
37
RESIN
38
RESOUT
39
PEREQ (NC)
40
OSCOUT
41
CLKIN
42
VCC
Location
Name
43
VSS
44
CLKOUT
45
T0OUT
46
T0IN
47
T1OUT
48
T1IN
49
P27
50
P26
51
CTS0
52
TXD0
53
RXD0
54
P25BCLK0
55
P23SINT1
56
P24CTS1
57
P20RXD1
58
P21TXD1
59
P22BCLK1
60
NCS (NC)
61
AD0
62
AD8 (A8)
63
VSS
Location
Name
64
VCC
65
VSS
66
AD1
67
AD9 (A9)
68
AD2
69
AD10 (A10)
70
AD3
71
AD11 (A11)
72
AD4
73
AD12 (A12)
74
AD5
75
AD13 (A13)
76
AD6
77
AD14 (A14)
78
AD7
79
AD15 (A15)
80
A16
81
A17
82
A18
83
A19ONCE
84
VSS
NOTE
Pin names in parentheses apply to the 80C188EB80L188EB
15
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59