| Moteur de recherche de fiches techniques de composants électroniques |
|
FC80960HA25SL2GU Fiches technique(PDF) 49 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
FC80960HA25SL2GU Fiches technique(HTML) 49 Page - Intel Corporation |
|
49 / 102 page ![]() 80960HA/HD/HT Advance Information Datasheet 43 Figure 22. Rise and Fall Time Derating at 85°C and Minimum VCC Figure 23. ICC Active (Power Supply) vs. Frequency 50pF 100pF 150pF CL (pF) 5 4 3 2 1 2.0 to 0.8 V 0.8 to 2.0 V 0 CLKIN Frequency (MHz) 200 1800 1600 1400 1200 1000 800 600 400 10 20 30 40 HA HT HD 0 |