Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

80960CF-25 Fiches technique(PDF) 77 Page - Intel Corporation

No de pièce 80960CF-25
Description  80960CF-40, -33, -25, -16 32-BIT HIGH-PERFORMANCE SUPERSCALAR EMBEDDED MICROPROCESSOR
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

80960CF-25 Fiches technique(HTML) 77 Page - Intel Corporation

Back Button 80960CF-25 Datasheet HTML 69Page - Intel Corporation 80960CF-25 Datasheet HTML 70Page - Intel Corporation 80960CF-25 Datasheet HTML 71Page - Intel Corporation 80960CF-25 Datasheet HTML 72Page - Intel Corporation 80960CF-25 Datasheet HTML 73Page - Intel Corporation 80960CF-25 Datasheet HTML 74Page - Intel Corporation 80960CF-25 Datasheet HTML 75Page - Intel Corporation 80960CF-25 Datasheet HTML 76Page - Intel Corporation 80960CF-25 Datasheet HTML 77Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 77 / 77 page
background image
PRELIMINARY
71
A
80960CF-40, -33, -25, -16
Figure 50. Idle Bus Operation
7.0
REVISION HISTORY
This is a new data sheet for the 80960CF-40 product. It is derived from the 80960CF-33, -25, -16 data sheet.
Aside from a few minor edits, only the AC Characteristics differ from the 80960CF-33, -25, -16 data sheet.
PCLK
ADS
A31:4, SUP,
DMA, INST,
D/C, BE3:0
LOCK
W/R
BLAST
DT/R
DEN
A3:2
WAIT
D31:0
READY,
BTERM
Write Request
NWAD=2, NXDA = 0
Ready Disabled
Idle Bus
(not in Hold Acknowledge state)
Read Request
NWAD=2, NXDA = 0
Ready Disabled
In
Out
Valid
Valid
Valid
Valid
Valid
Valid
F_CX050A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77