Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

D8088 Fiches technique(PDF) 20 Page - Intel Corporation

No de pièce D8088
Description  8-BIT HMOS MICROPROCESSOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

D8088 Fiches technique(HTML) 20 Page - Intel Corporation

Back Button D8088 Datasheet HTML 16Page - Intel Corporation D8088 Datasheet HTML 17Page - Intel Corporation D8088 Datasheet HTML 18Page - Intel Corporation D8088 Datasheet HTML 19Page - Intel Corporation D8088 Datasheet HTML 20Page - Intel Corporation D8088 Datasheet HTML 21Page - Intel Corporation D8088 Datasheet HTML 22Page - Intel Corporation D8088 Datasheet HTML 23Page - Intel Corporation D8088 Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
8088
WAVEFORMS (Continued)
BUS TIMINGMINIMUM MODE SYSTEM
(Continued)
231456 – 14
NOTES
1 All signals switch between VOH and VOL unless otherwise specified
2 RDY is sampled near the end of T2 T3 Tw to determine if Tw machines states are to be inserted
3 Two INTA cycles run back-to-back The 8088 local ADDRDATA bus is floating during both INTA cycles Control
signals are shown for the second INTA cycle
4 Signals at 8284 are shown for reference only
5 All timing measurements are made at 15V unless otherwise noted
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30