| Moteur de recherche de fiches techniques de composants électroniques |
|
IDT74FCT573EB Fiches technique(PDF) 8 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
IDT74FCT573EB Fiches technique(HTML) 8 Page - Integrated Device Technology |
|
8 / 8 page ![]() 7.12 8 IDT54/74FCT373/533/573/A/C FAST CMOS OCTAL TRANSPARENT LATCHES MILITARY AND COMMERCIAL TEMPERATURE RANGES ORDERING INFORMATION 2602 cnv* 14 IDT XX Temp. Range XXXX Device Type X Package X Process Blank B P D SO L E 373 573 533 373A 573A 533A 373C 573C 533C Commercial MIL-STD-883, Class B Plastic DIP CERDIP Small Outline IC Leadless Chip Carrier CERPACK Non-Inverting Octal Transparent Latch Non-Inverting Octal Transparent Latch Inverting Octal Transparent Latch Fast Non-Inverting Octal Transparent Latch Fast Non-Inverting Octal Transparent Latch Fast Inverting Octal Transparent Latch Super Fast Non-Inverting Octal Transparent Latch Super Fast Non-Inverting Octal Transparent Latch Super Fast Inverting Octal Transparent Latch 54 74 –55 °C to +125°C 0 °C to +70°C FCT |