Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

80188 Fiches technique(PDF) 4 Page - Intel Corporation

No de pièce 80188
Description  HIGH-INTEGRATION 16-BIT MICROPROCESSORS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

80188 Fiches technique(HTML) 4 Page - Intel Corporation

  80188 Datasheet HTML 1Page - Intel Corporation 80188 Datasheet HTML 2Page - Intel Corporation 80188 Datasheet HTML 3Page - Intel Corporation 80188 Datasheet HTML 4Page - Intel Corporation 80188 Datasheet HTML 5Page - Intel Corporation 80188 Datasheet HTML 6Page - Intel Corporation 80188 Datasheet HTML 7Page - Intel Corporation 80188 Datasheet HTML 8Page - Intel Corporation 80188 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
8018680188
Leads Facing Up
Leads Facing Down
272430 – 4
Figure 4 Plastic Leaded Chip Carrier
NOTE
Pin names in parentheses apply to the 80188
4
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33