| Moteur de recherche de fiches techniques de composants électroniques |
|
BAW101 Fiches technique(PDF) 3 Page - Diodes Incorporated |
|
|
|||||||||||||||||||||||||||||
BAW101 Fiches technique(HTML) 3 Page - Diodes Incorporated |
|
3 / 4 page ![]() BAW101 Document number: DS32092 Rev. 3 - 2 3 of 4 www.diodes.com June 2011 © Diodes Incorporated BAW101 0.1 1 10 100 1,000 10,000 100,000 0 50 100 150 200 250 V , INSTANTANEOUS REVERSE VOLTAGE (V) Fig. 3 Typical Reverse Characteristics, Per Element R T = -55ºC A T = 25ºC A T = 85ºC A T = 125ºC A T = 150ºC A V , DC REVERSE VOLTAGE (V) Fig. 4 Total Capacitance vs. Reverse Voltage, Per Element R Typical 0.5 0.55 0.6 0.65 0.7 0.75 0.8 0 5 10 15 20 25 30 35 40 Package Outline Dimensions Suggested Pad Layout SOT143 Dim Min Max A1 0.37 0.51 A2 0.77 0.93 B 1.20 1.40 C 2.28 2.48 D 1.58 1.83 F 0.45 0.60 G 1.78 2.03 H 2.80 3.00 J 0.013 1.00 K 0.89 0.10 L 0.46 0.60 M 0.085 0.18 All Dimensions in mm Dimensions Value (in mm) Z 2.70 G 1.30 X 2.50 X1 1.0 X2 0.60 Y 0.70 C 2.0 A2 J L M B C A1 K H G D F X1 X2 G Z Y C X X2 |