Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

28F016SA Fiches technique(PDF) 52 Page - Intel Corporation

No de pièce 28F016SA
Description  28F016SA 16-MBIT (1 MBIT X 16, 2 MBIT X 8)FlashFile MEMORY
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

28F016SA Fiches technique(HTML) 52 Page - Intel Corporation

Back Button 28F016SA Datasheet HTML 47Page - Intel Corporation 28F016SA Datasheet HTML 48Page - Intel Corporation 28F016SA Datasheet HTML 49Page - Intel Corporation 28F016SA Datasheet HTML 50Page - Intel Corporation 28F016SA Datasheet HTML 51Page - Intel Corporation 28F016SA Datasheet HTML 52Page - Intel Corporation 28F016SA Datasheet HTML 53Page - Intel Corporation 28F016SA Datasheet HTML 54Page - Intel Corporation 28F016SA Datasheet HTML 55Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 52 / 55 page
background image
28F016SA
E
52
7.0
MECHANICAL SPECIFICATIONS FOR TSOP
290489-28.eps
Figure 25. Mechanical Specifications of the 28F016SA 56-Lead TSOP Type 1 Package
Family: Thin Small Outline Package
Symbol
Millimeters
Minimum
Nominal
Maximum
Notes
A
1.20
A1
0.05
A2
0.965
0.995
1.025
b
0.100
0.150
0.200
c
0.115
0.125
0.135
D1
18.20
18.40
18.60
E
13.80
14.00
14.20
e
0.50
D
19.80
20.00
20.20
L
0.500
0.600
0.700
N56
∅
0
°
3
°
5
°
Y
0.100
Z
0.150
0.250
0.350



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55