Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

28F008SA Fiches technique(PDF) 16 Page - Intel Corporation

No de pièce 28F008SA
Description  8-MBIT (1-MBIT x 8) FlashFileTM MEMORY
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

28F008SA Fiches technique(HTML) 16 Page - Intel Corporation

Back Button 28F008SA Datasheet HTML 12Page - Intel Corporation 28F008SA Datasheet HTML 13Page - Intel Corporation 28F008SA Datasheet HTML 14Page - Intel Corporation 28F008SA Datasheet HTML 15Page - Intel Corporation 28F008SA Datasheet HTML 16Page - Intel Corporation 28F008SA Datasheet HTML 17Page - Intel Corporation 28F008SA Datasheet HTML 18Page - Intel Corporation 28F008SA Datasheet HTML 19Page - Intel Corporation 28F008SA Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
28F008SA
290429 – 8
Bus
Command
Comments
Operation
Write
Erase
Data e 20H
Setup
Address e Within block to be
erased
Write
Erase
Data e D0H
Address e Within block to be
erased
StandbyRead
Check RYBY
VOH e Ready VOL e Busy
or
Read Status Register
Check SR7
1 e Ready 0 e Busy
Toggle OE
or CE
to
update Status Register
Repeat for subsequent bytes
Full status check can be done after each block or after a
sequence of blocks
Write FFH after the last block erase operation to reset the
device to Ready Array Mode
FULL STATUS CHECK PROCEDURE
290429 – 9
Bus
Command
Comments
Operation
Optional
CPU may already have read
Status Register data in WSM
Read
Ready polling above
Standby
Check SR3
1 e VPP Low Detect
Standby
Check SR45
Both 1 e Command Sequence
Error
Standby
Check SR5
1 e Block Erase Error
SR3 MUST be cleared if set during a block erase attempt
before further attempts are allowed by the Write State
Machine
SR5 is only cleared by the Clear Status Register
Command in cases where multiple blocks are erased
before full status is checked
If error is detected clear the Status Register before
attempting retry or other error recovery
Figure 8 Automated Block Erase Flowchart
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33