Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PA28F004SC-85 Fiches technique(PDF) 24 Page - Intel Corporation

No de pièce PA28F004SC-85
Description  BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

PA28F004SC-85 Fiches technique(HTML) 24 Page - Intel Corporation

Back Button PA28F004SC-85 Datasheet HTML 20Page - Intel Corporation PA28F004SC-85 Datasheet HTML 21Page - Intel Corporation PA28F004SC-85 Datasheet HTML 22Page - Intel Corporation PA28F004SC-85 Datasheet HTML 23Page - Intel Corporation PA28F004SC-85 Datasheet HTML 24Page - Intel Corporation PA28F004SC-85 Datasheet HTML 25Page - Intel Corporation PA28F004SC-85 Datasheet HTML 26Page - Intel Corporation PA28F004SC-85 Datasheet HTML 27Page - Intel Corporation PA28F004SC-85 Datasheet HTML 28Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
BYTE-WIDE SmartVoltage FlashFile™ MEMORY FAMILY
E
24
PRELIMINARY
SR.7 =
0
1
Start
Write B0H
Read
Status Register
Write D0H
Block Erase Resumed
Bus
Operation
Command
Comments
Write
Erase
Suspend
Read
Data = B0H
Addr = X
Check SR.7
1 = WSM Ready
0 = WSM Busy
Status Register Data
Addr = X
Standby
SR.6 =
Block Erase Completed
Write FFH
Read Array Data
Yes
0
1
Check SR.6
1 = Block Erase Suspended
0 = Block Erase Completed
Standby
Data = D0H
Addr = X
Write
Erase
Resume
Read or
Program
?
Done?
Program
Loop
Read Array
Data
Read
Program
No
Figure 9. Block Erase Suspend/Resume Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42