| Moteur de recherche de fiches techniques de composants électroniques |
|
E28F004SC-120 Fiches technique(PDF) 4 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
E28F004SC-120 Fiches technique(HTML) 4 Page - Intel Corporation |
|
4 / 42 page ![]() BYTE-WIDE SmartVoltage FlashFile™ MEMORY FAMILY E 4 PRELIMINARY REVISION HISTORY Number Description -001 Original version -002 Table 3 revised to reflect change in abbreviations from “W” for write to “P” for program. Ordering information graphic (Appendix A) corrected: from PB = Ext. Temp. 44-Lead PSOP to TB = Ext. Temp. 44-Lead PSOP. Corrected nomenclature table (Appendix A) to reflect actual Operating Temperature/ Package information Updated Ordering Information and table Correction to table, Section 6.2.3. Under ILO Test Conditions, previously read VIN = VCC or GND, corrected to VOUT = VCC or GND Section 6.2.7, modified Program and Block Erase Suspend Latency Times -003 Added µBGA* CSP pinout and corrected error in PSOP pinout. Added Design Consideration for VPP Program and Erase Voltages on future sub-0.4µ devices. |