Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

E28F004SC-85 Fiches technique(PDF) 4 Page - Intel Corporation

No de pièce E28F004SC-85
Description  BYTE-WIDE SmartVoltage FlashFile MEMORY FAMILY 4, 8, AND 16 MBIT
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INTEL [Intel Corporation]
Site Internet  http://www.intel.com
Logo INTEL - Intel Corporation

E28F004SC-85 Fiches technique(HTML) 4 Page - Intel Corporation

  E28F004SC-85 Datasheet HTML 1Page - Intel Corporation E28F004SC-85 Datasheet HTML 2Page - Intel Corporation E28F004SC-85 Datasheet HTML 3Page - Intel Corporation E28F004SC-85 Datasheet HTML 4Page - Intel Corporation E28F004SC-85 Datasheet HTML 5Page - Intel Corporation E28F004SC-85 Datasheet HTML 6Page - Intel Corporation E28F004SC-85 Datasheet HTML 7Page - Intel Corporation E28F004SC-85 Datasheet HTML 8Page - Intel Corporation E28F004SC-85 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
BYTE-WIDE SmartVoltage FlashFile™ MEMORY FAMILY
E
4
PRELIMINARY
REVISION HISTORY
Number
Description
-001
Original version
-002
Table 3 revised to reflect change in abbreviations from “W” for write to “P” for program.
Ordering information graphic (Appendix A) corrected: from PB = Ext. Temp. 44-Lead
PSOP to TB = Ext. Temp. 44-Lead PSOP.
Corrected nomenclature table (Appendix A) to reflect actual Operating Temperature/
Package information
Updated Ordering Information and table
Correction to table, Section 6.2.3. Under ILO Test Conditions, previously read VIN = VCC
or GND, corrected to VOUT = VCC or GND
Section 6.2.7, modified Program and Block Erase Suspend Latency Times
-003
Added
µBGA* CSP pinout and corrected error in PSOP pinout.
Added Design Consideration for VPP Program and Erase Voltages on future sub-0.4µ
devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42