Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L99MC6 Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce L99MC6
Description  for car body applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99MC6 Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button L99MC6 Datasheet HTML 6Page - STMicroelectronics L99MC6 Datasheet HTML 7Page - STMicroelectronics L99MC6 Datasheet HTML 8Page - STMicroelectronics L99MC6 Datasheet HTML 9Page - STMicroelectronics L99MC6 Datasheet HTML 10Page - STMicroelectronics L99MC6 Datasheet HTML 11Page - STMicroelectronics L99MC6 Datasheet HTML 12Page - STMicroelectronics L99MC6 Datasheet HTML 13Page - STMicroelectronics L99MC6 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
9
OMNIFETTM
SMART POWER LOW-SIDE SWITCHES
Part number
Package
Technology
Number of Channels
Clamp Voltage typ (V)
Drain Current limit
(I
lim) typ [A]
Max on-state resistance
R
DS(on) (max) [mΩ]
VND1NV04-E
DPAK
M0‑3
1
45
2.6
250
VND1NV04-1-E
IPAK
M0‑3
1
45
2.6
250
VNN1NV04P-E
SOT‑223
M0‑3
1
45
2.6
250
VNS1NV04P-E
SO‑8
M0‑3
1
45
2.6
250
VND3NV04-E
DPAK
M0‑3
1
45
5
120
VNN3NV04P-E
SO‑8; SOT‑223
M0‑3
1
45
5
120
VNS3NV04P-E
SO‑8
M0‑3
1
45
5
120
VNN7NV04P-E
SOT‑223
M0‑3
1
45
9
65
VNS7NV04P-E
SO‑8
M0‑3
1
45
9
65
VND7NV04-E
DPAK
M0‑3
1
45
9
60
VNB14NV04-E
D2PAK
M0‑3
1
45
18
35
VND14NV04-E
DPAK
M0‑3
1
45
18
35
VND14NV04-1-E
IPAK
M0‑3
1
45
18
35
VNS14NV04P-E
SO‑8
M0‑3
1
45
18
35
VNB35NV04-E
D2PAK
M0‑3
1
45
45
10
VNV35NV04-E
PowerSO‑10
M0‑3
1
45
45
10
VNS1NV04DP-E
SO‑8
M0‑3
2
45
2.6
250
VNS3NV04DP-E
SO‑8
M0‑3
2
45
5
120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22