Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L99H01XP Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce L99H01XP
Description  for car body applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99H01XP Fiches technique(HTML) 5 Page - STMicroelectronics

  L99H01XP Datasheet HTML 1Page - STMicroelectronics L99H01XP Datasheet HTML 2Page - STMicroelectronics L99H01XP Datasheet HTML 3Page - STMicroelectronics L99H01XP Datasheet HTML 4Page - STMicroelectronics L99H01XP Datasheet HTML 5Page - STMicroelectronics L99H01XP Datasheet HTML 6Page - STMicroelectronics L99H01XP Datasheet HTML 7Page - STMicroelectronics L99H01XP Datasheet HTML 8Page - STMicroelectronics L99H01XP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
4
HIGH-SIDE SWITCHES – SINGLE CHANNEL
Part number
Package
Technology
Supply voltage (V
CC)
Absolute max
supply voltage
(V)
Max on-state
resistance
R
DS(on) max (mΩ)
Drain current
limit (I
lim) typ (A)
Digital status
Current sense
Multi-sense
min (V)
max (V)
VN5025AJ-E
PowerSSO‑12
M0‑5
4.5
36
41
25
40
VN5016AJ-E
PowerSSO‑12
M0‑5
4.5
36
41
16
60
VN5012AK-E
PowerSSO‑24
M0‑5
4.5
36
41
12
65
VN5010AK-E
PowerSSO‑24
M0‑5
4.5
36
41
10
65
VN5E006ASP-E
PowerSO‑10
M0‑5
4.5
28
41
6
100
VN800PS-E
SO‑8
M0‑3
5.5
36
41
135
1.3
VN800PT-E
PPAK
M0‑3
5.5
36
41
135
1.3
VN750B5-E
P²PAK
M0‑3
5.5
36
41
60
9
VN750-E
PENTAWATT
M0‑3
5.5
36
41
60
9
VN750PS-E
SO‑8
M0‑3
5.5
36
41
60
9
VN750PT-E
PPAK
M0‑3
5.5
36
41
60
9
VN750SMP-E
SO‑8
M0‑3
5.5
36
41
55
9
VN820B5-E
P²PAK
M0‑3
5.5
36
41
40
13
VN820PT-E
PPAK
M0‑3
5.5
36
41
40
13
VN820SP-E
PowerSO‑10
M0‑3
5.5
36
41
40
13
VN920DB5-E
P²PAK
M0‑3
5.5
36
41
18
45
VN920B5-E
P²PAK
M0‑3
5.5
36
41
16
45
VN920DSP-E
PowerSO‑10
M0‑3
5.5
36
41
16
45
VN920-E
PENTAWATT
M0‑3
5.5
36
41
16
45
VN920PEP-E
PowerSSO‑24
M0‑3
5.5
36
41
15
45
VN920SP-E
PowerSO‑10
M0‑3
5.5
36
41
15
45
VN610SP-E
PowerSO‑10
M0‑3
5.5
36
41
10
75
(*) In development. Available in Q1/2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22