Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L99ASC03 Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce L99ASC03
Description  for car body applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L99ASC03 Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button L99ASC03 Datasheet HTML 3Page - STMicroelectronics L99ASC03 Datasheet HTML 4Page - STMicroelectronics L99ASC03 Datasheet HTML 5Page - STMicroelectronics L99ASC03 Datasheet HTML 6Page - STMicroelectronics L99ASC03 Datasheet HTML 7Page - STMicroelectronics L99ASC03 Datasheet HTML 8Page - STMicroelectronics L99ASC03 Datasheet HTML 9Page - STMicroelectronics L99ASC03 Datasheet HTML 10Page - STMicroelectronics L99ASC03 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
6
HIGH-SIDE SWITCHES – DUAL CHANNEL
Part number
Package
Technology
Supply voltage (V
CC)
Absolute max
supply voltage
(V)
Max on-state
resistance
R
DS(on) max (mΩ)
Drain current
limit (I
lim) typ
(A)
Digital status
Current sense
Multi-sense
min (V)
max (V)
VND5E012AY-E
PowerSSO‑36
M0‑5Enhanced
4.5
28
41
12
74
•
VND5E008ASP-E
PowerSO‑16
M0‑5Enhanced
4.5
28
41
8
85
•
VND5E008AY-E
PowerSSO‑36
M0‑5Enhanced
4.5
28
41
8
85
•
VND5E006ASP-E
PowerSO‑16
M0‑5Enhanced
4.5
28
41
6
100
•
VND5E004A-E
PQFN
M0‑5Enhanced
4.5
28
41
4
100
•
VND5E004A30-E
MultiPowerSO‑30
M0‑5Enhanced
4.5
28
41
4
100
•
VND5160AJ-E
PowerSSO‑12
M0‑5
4.5
36
41
160
5
•
VND5160J-E
PowerSSO‑12
M0‑5
4.5
36
41
160
5
•
VND5050AJ-E
PowerSSO‑12
M0‑5
4.5
36
41
50
18
•
VND5050AK-E
PowerSSO‑24
M0‑5
4.5
36
41
50
18
•
VND5050J-E
PowerSSO‑12
M0‑5
4.5
36
41
50
18
•
VND5050K-E
PowerSSO‑24
M0‑5
4.5
36
41
50
18
•
VND5025AK-E
PowerSSO‑24
M0‑5
4.5
36
41
25
40
•
VND5012AK-E
PowerSSO‑24
M0‑5
4.5
36
41
12
60
•
VND810P-E
SO‑16
M0‑3
5.5
36
41
160
5
•
VND810PEP-E
PowerSSO‑12
M0‑3
5.5
36
41
160
5
•
VND810SP-E
PowerSO‑10
M0‑3
5.5
36
41
160
5
•
VND810MSP-E
PowerSO‑10
M0‑3
5.5
36
41
150
0.9
•
VND830AEP-E
PowerSSO‑24
M0‑3
5.5
36
41
60
10
•
VND830ASP-E
PowerSO‑10
M0‑3
5.5
36
41
60
9
•
VND830LSP-E
PowerSO‑10
M0‑3
5.5
36
41
60
23
•
VND830P-E
SO‑16L
M0‑3
5.5
36
41
60
9
•
VND830MSP-E
PowerSO‑10
M0‑3
5.5
36
41
60
9
•
VND830PEP-E
PowerSSO‑24
M0‑3
5.5
36
41
60
9
•
VND830SP-E
PowerSO‑10
M0‑3
5.5
36
41
60
9
•
VND600P-E
SO‑16L
M0‑3
5.5
36
41
35
40
•
VND600PEP-E
PowerSSO‑24
M0‑3
5.5
36
41
30
40
•
VND600SP-E
PowerSO‑10
M0‑3
5.5
36
41
30
40
•
VND920P-E
SO‑28
M0‑3
5.5
36
41
16
45
•
(*) In development. Available in Q1/2014
(**) In development. Available in Q4/2014



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22