Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9954 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce L9954
Description  for car body applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9954 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button L9954 Datasheet HTML 8Page - STMicroelectronics L9954 Datasheet HTML 9Page - STMicroelectronics L9954 Datasheet HTML 10Page - STMicroelectronics L9954 Datasheet HTML 11Page - STMicroelectronics L9954 Datasheet HTML 12Page - STMicroelectronics L9954 Datasheet HTML 13Page - STMicroelectronics L9954 Datasheet HTML 14Page - STMicroelectronics L9954 Datasheet HTML 15Page - STMicroelectronics L9954 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
11
Voltage regulators
Part number
Package
Number of
outputs
Regulated
output
voltage (V)
Output
current
(I
OUT) (mA)
Output
tolerance
(%)
Dropout voltage (V
DP)
Reset
output
Enable pin
Early
warning
Watchdog
timer
Watchdog
enable
Supply
current
(standby)
typ (µA)
Quiescent
current at
low load typ
(µA)
typ (mV)
max (mV)
L4925PD
PowerSO‑20
1
5
500
±2
300
•
190
L4938ED-E
SO‑20
2
5 Adj
100
±2
300
•
•
•
210
L4938EPD
PowerSO‑20
2
5 Adj
400
±2
300
•
•
•
210
L4949ED-E
SO‑8
1
5
100
±1
300
•
•
200
L4949EP-E
SO‑20
1
5
100
±1
300
•
•
200
L4979D-E
SO‑8
1
5
150
±2
200
•
•
•
6
200
L4979MD
SO‑20
1
5
150
±2
200
•
•
•
6
100
L4988D
SO‑8
1
5
200
±2
270
•
•
•
130
L4988MD
SO‑20
1
5
200
±2
270
•
•
•
130
L4989D
SO‑8
1
5
150
±3
180
•
•
•
110
L4989MD
SO‑20
1
5
150
±3
180
•
•
•
110
L4993D
SO‑8
1
5
150
±2
200
•
•
•
100
L4993MD
SO‑20
1
5
150
±2
200
•
•
•
100
L4995RJ
PowerSSO‑12
1
5
500
±2
270
•
90
L4995RK
PowerSSO‑24
1
5
500
±2
270
•
90
L4995AJ
PowerSSO‑12
1
5
500
±2
270
•
•
3
90
L4995AK
PowerSSO‑24
1
5
500
±2
270
•
•
3
90
L4995J
PowerSSO‑12
1
5
500
±2
270
•
•
•
3
90
L4995K
PowerSSO‑24
1
5
500
±2
270
•
•
•
3
90
L5150BNTR
SOT‑223
1
5
150
±2
38
L5150CJ
PowerSSO‑12
1
5
150
±2
500
• (1)
•
55
L5150CS
SO‑8
1
5
150
±2
500
• (1)
•
55
L5150GJ
PowerSSO‑12
1
5
150
±2
500
• (1)
•
•
5
55
L5300AH7
HPAK
1
5
300
±2
500
•
•
5
55
L5300GJ
PowerSSO‑12
1
5
300
±2
500
•
•
•
5
55
L5300EPT
PPAK
1
5
300
±2
500
•
5
55
L5300RPT
PPAK
1
5
300
±2
500
•
5
55
(1) Adjustable threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22