Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9950XP Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce L9950XP
Description  for car body applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9950XP Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button L9950XP Datasheet HTML 7Page - STMicroelectronics L9950XP Datasheet HTML 8Page - STMicroelectronics L9950XP Datasheet HTML 9Page - STMicroelectronics L9950XP Datasheet HTML 10Page - STMicroelectronics L9950XP Datasheet HTML 11Page - STMicroelectronics L9950XP Datasheet HTML 12Page - STMicroelectronics L9950XP Datasheet HTML 13Page - STMicroelectronics L9950XP Datasheet HTML 14Page - STMicroelectronics L9950XP Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
10
OMNIFET IIITM
SMART POWER LOW-SIDE SWITCHES
Part number
Package
Number of channels
Technology
Clamp voltage typ (V)
Drain current limit
(I
lim) typ (A)
Max on-state
resistance R
DS(on) max
(mΩ)
Digital status
VNL5300S5-E
SO‑8
1
M0‑5
46
2
300
•
VNL5160N3-E
SOT‑223
1
M0‑5
46
5
160
VNL5160S5-E
SO‑8
1
M0‑5
46
5
160
•
VNL5090N3-E
SOT‑223
1
M0‑5
46
18
90
VNL5090S5-E
SO‑8
1
M0‑5
46
18
90
•
VNL5090S5-E
SO‑8
1
M0‑5
46
18
90
•
VNL5050N3-E
SOT‑223
1
M0‑5
46
27
50
VNL5050S5-E
SO‑8
1
M0‑5
46
27
50
•
VNL5030J-E
PowerSSO‑12
1
M0‑5
46
35
30
•
VNL5030S5-E
SO‑8
1
M0‑5
46
35
30
•
VNLD5300-E
SO‑8
2
M0‑5
46
2
300
•
VNLD5160-E
SO‑8
2
M0‑5
46
5
160
•
VNLD5090-E
SO‑8
2
M0‑5
46
18
90
•



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22