Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L4989MD Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce L4989MD
Description  for car body applications
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4989MD Fiches technique(HTML) 4 Page - STMicroelectronics

  L4989MD Datasheet HTML 1Page - STMicroelectronics L4989MD Datasheet HTML 2Page - STMicroelectronics L4989MD Datasheet HTML 3Page - STMicroelectronics L4989MD Datasheet HTML 4Page - STMicroelectronics L4989MD Datasheet HTML 5Page - STMicroelectronics L4989MD Datasheet HTML 6Page - STMicroelectronics L4989MD Datasheet HTML 7Page - STMicroelectronics L4989MD Datasheet HTML 8Page - STMicroelectronics L4989MD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
3
High-side switches
HIGH-SIDE SWITCHES – SINGLE CHANNEL
Part number
Package
Technology
Supply voltage (V
CC)
Absolute max
supply voltage
(V)
Max on-state
resistance
R
DS(on) max (mΩ)
Drain current
limit (I
lim) typ (A)
Digital status
Current sense
Multi-sense
min (V)
max (V)
VN7140AJ-E
PowerSSO‑16
M0‑7
4
28
38
140
12
VN7140AS-E
SO‑8
M0‑7
4
28
38
140
12
VN7050AJ-E
PowerSSO‑16
M0‑7
4
28
38
50
30
VN7050AS-E
SO‑8
M0‑7
4
28
38
50
30
VN7040AJ-E
PowerSSO‑16
M0‑7
4
28
38
40
34
VN7040AS-E
SO‑8
M0‑7
4
28
38
40
34
VN7020AJ-E
PowerSSO‑16
M0‑7
4
28
38
20
63
VN7016AJ-E
PowerSSO‑16
M0‑7
4
28
38
16
77
VN7010AJ-E
PowerSSO‑16
M0‑7
4
28
38
10
91
VN7007AH-E (*)
Octapak
M0‑7
4
28
38
7
110
VN7004AH-E (*)
Octapak
M0‑7
4
28
38
4.9
140
VN5E160MS-E
SO‑8
M0‑5Enhanced (M vers.)
4.5
28
41
160
10
VN5E050MJ-E
PowerSSO‑12
M0‑5Enhanced (M vers.)
4.5
28
41
50
27
VN5E025MJ-E
PowerSSO‑12
M0‑5Enhanced (M vers.)
4.5
28
41
25
60
VN5E016MH-E
HPAK
M0‑5Enhanced (M vers.)
4.5
28
41
16
73
VN5E010MH-E
HPAK
M0‑5Enhanced (M vers.)
4.5
28
41
10
85
VN5E160AS-E
SO‑8
M0‑5Enhanced
4.5
28
41
160
10
VN5E160ASO-E
SO‑16L
M0‑5Enhanced
4.5
28
41
160
10
VN5E160S-E
SO‑8
M0‑5Enhanced
4.5
28
41
160
10
VN5E050AJ-E
PowerSSO‑12
M0‑5Enhanced
4.5
28
41
50
27
VN5E050ASO-E
SO‑16L
M0‑5Enhanced
4.5
28
41
50
27
VN5E050J-E
PowerSSO‑12
M0‑5Enhanced
4.5
28
41
50
27
VN5E025AJ-E
PowerSSO‑12
M0‑5Enhanced
4.5
28
41
25
60
VN5E025ASO-E
SO‑16L
M0‑5Enhanced
4.5
28
41
25
60
VN5E016AH-E
HPAK
M0‑5Enhanced
4.5
28
41
16
73
VN5E010AH-E
HPAK
M0‑5Enhanced
4.5
28
41
10
85
VN5160S-E
SO‑8
M0‑5
4.5
36
41
160
5
VN5050AJ-E
PowerSSO‑12
M0‑5
4.5
36
41
50
18
VN5050J-E
PowerSSO‑12
M0‑5
4.5
36
41
50
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22