Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6258EX Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce L6258EX
Description  PWM controlled high current DMOS universal motor driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6258EX Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button L6258EX Datasheet HTML 19Page - STMicroelectronics L6258EX Datasheet HTML 20Page - STMicroelectronics L6258EX Datasheet HTML 21Page - STMicroelectronics L6258EX Datasheet HTML 22Page - STMicroelectronics L6258EX Datasheet HTML 23Page - STMicroelectronics L6258EX Datasheet HTML 24Page - STMicroelectronics L6258EX Datasheet HTML 25Page - STMicroelectronics L6258EX Datasheet HTML 26Page - STMicroelectronics L6258EX Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 32 page
background image
L6258EX
PWM current control loop
23/32
Figure 10.
Electrical model of the load
The schematic now shows the equivalent circuit of the stepper motor including a sine wave
voltage generator of the Bemf. The Bemf voltage of the motor is not constant, its value
changes depending on the speed of the motor.
Increasing the motor speed the Bemf voltage increases:
Bemf = Kt ·
ω
where:
Kt is the motor constant
ωis the motor speed in radiant per second
The formula defining the gain of the load considering the Bemf of the stepper motor
becomes:
we can see that the Bemf influences only the gain of the load block and does not introduce
any other additional pole or zero, so from the stability point of view the effect of the Bemf of
the motor is not critical because the phase margin remains the same.
Practically the only effect of the Bemf is to limit the gain of the total Aloop with a consequent
variation of the bandwidth of the system.
OUT+
Bemf
R
L
L
L
OUT-
R
S
to Sense
Amplifier
ACload
Vsense
Vout
---------------------
V
S
Bemf
–
()
R
S
R
L
R
S
+
----------------------
⋅
V
S
----------------------------------------------------------------
==
Acload
V
S
Bemf
–
V
S
-----------------------------
R
S
R
L
R
S
+
----------------------
⋅
=
ACload
dB
20
V
S
Bemf
–
V
S
-----------------------------
R
S
R
L
R
S
+
----------------------
⋅
⎝⎠
⎜⎟
⎛⎞
log
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32