Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD420 Fiches technique(PDF) 13 Page - Analog Devices

No de pièce AD420
Description  Serial Input 16-Bit 4 mA??0 mA, 0 mA??0 mA DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD420 Fiches technique(HTML) 13 Page - Analog Devices

Back Button AD420 Datasheet HTML 8Page - Analog Devices AD420 Datasheet HTML 9Page - Analog Devices AD420 Datasheet HTML 10Page - Analog Devices AD420 Datasheet HTML 11Page - Analog Devices AD420 Datasheet HTML 12Page - Analog Devices AD420 Datasheet HTML 13Page - Analog Devices AD420 Datasheet HTML 14Page - Analog Devices AD420 Datasheet HTML 15Page - Analog Devices AD420 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AD420
Rev. H | Page 13 of 16
EXTERNAL BOOST FUNCTION
The external boost transistor reduces the power dissipated in
the AD420 by reducing the current flowing in the on-chip
output transistor (dividing it by the current gain of the external
circuit). A discrete NPN transistor with a breakdown voltage,
BVCEO, greater than 32 V can be used as shown in Figure 13.
AD420
MJD31C
OR
2N3053
19
BOOST
IOUT
0.022µF
1kΩ
RLOAD
18
Figure 13. External Boost Configuration
The external boost capability has been developed for those
users who may wish to use the AD420, in the SOIC package, at
the extremes of the supply voltage, load current, and
temperature range. The PDIP package (because of its lower
thermal resistance) will operate safely over the entire specified
voltage, temperature, and load current ranges without the boost
transistor. The plot in Figure 14 shows the safe operating region
for both package types. The boost transistor can also be used to
reduce the amount of temperature induced drift in the part.
This will minimize the temperature induced drift of the on-chip
voltage reference, which improves drift and linearity.
28V
20V
12V
4V
–60
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
25V
AD420 OR AD420-32
32V
VCC
WHEN USING SOIC PACKAGED DEVICES,
AN EXTERNAL BOOST TRANSISTOR IS
REQUIRED FOR OPERATION IN THIS AREA.
Figure 14. Safe Operating Region



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com