Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IDT72V01 Fiches technique(PDF) 13 Page - Integrated Device Technology

No de pièce IDT72V01
Description  3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDT [Integrated Device Technology]
Site Internet  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V01 Fiches technique(HTML) 13 Page - Integrated Device Technology

Back Button IDT72V01 Datasheet HTML 5Page - Integrated Device Technology IDT72V01 Datasheet HTML 6Page - Integrated Device Technology IDT72V01 Datasheet HTML 7Page - Integrated Device Technology IDT72V01 Datasheet HTML 8Page - Integrated Device Technology IDT72V01 Datasheet HTML 9Page - Integrated Device Technology IDT72V01 Datasheet HTML 10Page - Integrated Device Technology IDT72V01 Datasheet HTML 11Page - Integrated Device Technology IDT72V01 Datasheet HTML 12Page - Integrated Device Technology IDT72V01 Datasheet HTML 13Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
5.08
13
IDT72V01/72V02/72V03/72V04 3.3 VOLT CMOS ASYNCHRONOUS FIFO
512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9
COMMERCIAL TEMPERATURE RANGE
ORDERING INFORMATION
2679 drw 21
IDT
XXXXX
Device Type
XXX
Speed
L
Power
X
Package
X
Process/
Temperature
Range
Blank
72V01
72V02
72V03
72V04
25
35
Commercial (0
°C to + 70°C)
512 x 9 FIFO
1024 x 9 FIFO
2048 x 9 FIFO
4096 x 9 FIFO
Comercial Only
Access Time (t )Speed in Nanoseconds
A
L
Low Power
J
Plastic Leaded Chip Carrier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13