Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SPS-9330VW-CXXCYYG_2015 Fiches technique(PDF) 4 Page - Optoway Technology Inc

No de pièce SPS-9330VW-CXXCYYG_2015
Description  3 Gb/s Medium Power Dual Optical SM Digital Diagnostic Transmitter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OPTOWAY [Optoway Technology Inc]
Site Internet  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPS-9330VW-CXXCYYG_2015 Fiches technique(HTML) 4 Page - Optoway Technology Inc

  SPS-9330VW-CXXCYYG_2015 Datasheet HTML 1Page - Optoway Technology Inc SPS-9330VW-CXXCYYG_2015 Datasheet HTML 2Page - Optoway Technology Inc SPS-9330VW-CXXCYYG_2015 Datasheet HTML 3Page - Optoway Technology Inc SPS-9330VW-CXXCYYG_2015 Datasheet HTML 4Page - Optoway Technology Inc SPS-9330VW-CXXCYYG_2015 Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Optoway
SPS-9330VW-CXXCYYG
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
8/1/2009 V2.0
4
RECOMMENDED CIRCUIT SCHEMATIC
100nF
Vee
100
Ω Differential
100
Ω Differential
TX1 -
TX1 +
Vcc_TX1
Vcc_TX2
TX2 +
TX2 -
TX2_DIS
TX1_DIS
20
18
19
16
15
8
9
17
VCC 3.3V
10
NC
TX2_DIS
TX1_DIS
SCL
SDA
10K
5
6
NC
NC
NC
Vee
Vee
Vee
Vee
Vee
14
2
4
1
12
3
11
7
13
10uF
1uH
100nF
10uF
1uH
100nF
10uF
10K
TD +
TD -
Re-Clocker
I2C DATA
I2C CLK
TD -
TD +
Re-Clocker
VCC 3.3V
1. Consult the Chipset manufacturer’s applications information for biasing required for TX outputs. Some chipset outputs
are internally biased and may not need external bias resistor.
PACKAGE DIAGRAM (Units in mm)
Note: Specifications subject to change without notice.



Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com