| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS9250-13 Fiches technique(PDF) 7 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS9250-13 Fiches technique(HTML) 7 Page - Integrated Circuit Systems |
|
7 / 15 page ![]() 7 ICS9250-13 CPU_STOP# Timing Diagram CPU_STOP# is an asychronous input to the clock synthesizer. It is used to turn off the CPU clocks for low power operation. CPU_STOP# is synchronized by the ICS9250-13. The minimum that the CPU clock is enabled (CPU_STOP# high pulse) is 100 CPU clocks. All other clocks will continue to run while the CPU clocks are disabled. The CPU clocks will always be stopped in a low state and start in such a manner that guarantees the high pulse width is a full pulse. CPU clock on latency is less than 4 CPU clocks and CPU clock off latency is less than 4 CPU clocks. Notes: 1. All timing is referenced to the internal CPU clock. 2. CPU_STOP# is an asynchronous input and metastable conditions may exist. This signal is synchronized to the CPU clocks inside the ICS9250-13. 3. All other clocks continue to run undisturbed. (including SDRAM outputs). |