| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS9169CF-41 Fiches technique(PDF) 3 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS9169CF-41 Fiches technique(HTML) 3 Page - Integrated Circuit Systems |
|
3 / 7 page ![]() 3 ICS9169C-41 Functionality 3.3V±10%, 0-70 °C Crystal (X1, X2) = 14.31818 MHz Notes 1. TCLK is supplied on XTALIN pin 2. Bidirectional CPUCLK I/O pins are high in test mode. 2 S F1 S F0 S FN I L A T XK L C U P C ) 5 - 1 ( K L C I C P 1 = L E S B ) 5 - 1 ( K L C I C P 0 = L E S B ) 1 - 0 ( F E RK L C B S UK L C O I 00 0 z H M 8 1 3 . 4 1z H M 3 3 . 3 3z H M 7 6 . 6 1z H M 2 3z H M 8 1 3 . 4 1z H M 8 4z H M 4 2 00 1 z H M 8 1 3 . 4 1z H M 0 . 5 7z H M 5 . 7 3z H M 2 3z H M 8 1 3 . 4 1z H M 8 4z H M 4 2 01 0 z H M 8 1 3 . 4 1z H M 0 . 5 5z H M 5 . 7 2z H M 2 3z H M 8 1 3 . 4 1z H M 8 4z H M 4 2 011 z H M 8 1 3 . 4 1Z - I HZ - I HZ - I HZ - I HZ - I HZ - I H 10 0 z H M 8 1 3 . 4 1z H M 0 . 0 5z H M 0 . 5 2z H M 2 3z H M 8 1 3 . 4 1z H M 8 4z H M 4 2 10 1 z H M 8 1 3 . 4 1z H M 7 6 . 6 6z H M 3 3 . 3 3z H M 2 3z H M 8 1 3 . 4 1z H M 8 4z H M 4 2 110 z H M 8 1 3 . 4 1z H M 0 . 0 6z H M 0 . 0 3z H M 2 3z H M 8 1 3 . 4 1z H M 8 4z H M 4 2 11 1 K L C T ) 1 ( 2 / K L C T ) 2 ( 4 / K L C T3 / K L C TK L C T2 / K L C T4 / K L C T |