| Moteur de recherche de fiches techniques de composants électroniques |
|
MB10M Fiches technique(PDF) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED |
|
|
|||||||||||||||||||||||||||||
MB10M Fiches technique(HTML) 1 Page - MAKO SEMICONDUCTOR CO.,LIMITED |
|
1 / 2 page ![]() Page:P2-P1 Surface Mount Bridge Rectifier FEATURES • Plastic package has Underwriters Laboratory Flammability Classification 94V-0 • Glass passivated chip junctions • High surge overload rating: 35A peak • Saves space on printed circuit boards • Recommended for non-automotive applications Mechanical Data • Case: Molded plastic body over passivated junctions • Terminals: Plated leads solderable per MIL-STD-750,Method 2026 • Mounting Position: Any Maximum Ratings and Electrical Characteristics (Ta=25 unless otherwise noted) Parameter Symbols MB2M MB4M MB6M MB8M MB10M Units Maximum repetitive peak reverse voltage VRRM 200 400 600 800 1000 Volts Maximum RMS voltage VRMS 140 280 420 560 700 Volts Maximum DC blocking voltage VDC 200 400 600 800 1000 Volts Maximum average forward output rectified current (see Fig.1) on glass-epoxy P.C.B. on aluminum substrate IF(AV) 0.5 (1) 0.8 (2) Amp Peak forward surge current 8.3 ms single half sine-wave superimposed on rated load (JEDEC Method) IFSM 35.0 Amps Rating for fusing (t < 8.3ms) I2t 5.0 A2sec Maximum instantaneous forward voltage drop per leg at 0.4A VF 1.0 Volt Maximum DC reverse current at AT = 25oC rated DC blocking voltage per leg AT = 125oC IR 5.0 100 uA Typical thermal resistance per leg RθJA RθJA RθJL 85 (1) 70 (2) 20 (1) oC/W Typical junction capacitance per leg (3) CJ 13 pF Operating junction and storage temperature range -55 to +150 oC MB2M --- MB10M J T G S T T , .019(0.5) .031(0.8) .006(.15) .014(.35) .177(4.5) .217(5.5) .217(5.5) .256(6.5) .035(0.9) .051(1.3) .146(3.7) .165(4.2) 090(2 3) .106(2.7) .090(2.3) .106(2.7) .177(4.5) .193(4.9) .019(0.5) .031(0.8) .106(2.7) .090(2.3) + - ~ ~ C0.5 MBM Dimensions in inches and (millimeters) . . MAKO Semiconductor Co., Limited 4008-378-873 www.makosemi.hk |
Numéro de pièce similaire - MB10M |
|
Description similaire - MB10M |