Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HBL2510SW Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce HBL2510SW
Description  Manual Motor Controllers and Disconnects
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

HBL2510SW Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  HBL2510SW Datasheet HTML 1Page - List of Unclassifed Manufacturers HBL2510SW Datasheet HTML 2Page - List of Unclassifed Manufacturers HBL2510SW Datasheet HTML 3Page - List of Unclassifed Manufacturers HBL2510SW Datasheet HTML 4Page - List of Unclassifed Manufacturers HBL2510SW Datasheet HTML 5Page - List of Unclassifed Manufacturers HBL2510SW Datasheet HTML 6Page - List of Unclassifed Manufacturers HBL2510SW Datasheet HTML 7Page - List of Unclassifed Manufacturers HBL2510SW Datasheet HTML 8Page - List of Unclassifed Manufacturers HBL2510SW Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
For complete listing of Hubbell Products see our full line catalog.
www.hubbell-wiring.com
2
Hubbell
Safety
Safety of personnel and
equipment is paramount
in any manufacturing
environment. Hubbell
Circuit-Lock® motor
controllers withstand
short circuits and provide
a high degree of safety
across the factory floor.
Disconnect Switches for
Variable Frequency Drives
(VFDs) safely terminate
power to prevent risk of
injury and damage to high-
performance output devices
used for controlling today’s
conveyor systems.
Hubbell
Flexibility
With Hubbell’s wide range
of Circuit-Lock® motor
controllers and disconnects
that offer several mounting
options, NEC® line of sight
requirements are easily
achieved at the equipment
or on the wall in virtually
any industrial environment.
Switches with a compact
footprint, a variety of
NEMA® type enclosures
and plug-and-play
LINKOSITY® make switch
placement easier and
more flexible than ever.
Hubbell
Compliance
Compliance with codes
and regulations is a must in
any industrial environment.
Hubbell motor controllers
meet a variety of
requirements, including
OSHA lockout/tagout,
NSF certification for
hygiene and hazardous
location ratings. Each
Circuit-Lock® motor
controller is UL listed
as “Suitable as Motor
Disconnect”. The NEC®
allows for the disconnect
and controller to be in
one unit.
Hubbell
Productivity
Circuit-Lock® keeps assembly
lines, goods and services
moving. By offering a dual
motor controller-disconnect
rating, power can be safely
terminated at any point in the
circuit to perform maintenance
on a single motor without
shutting down the entire
line. With the plug-and-play
LINKOSITY® power system,
MotorQuick® reduces motor
change-out time by more than
65% to get equipment up and
running faster.
Hubbell’s Circuit-Lock® Manual Motor Controllers
"Suitable as Motor Disconnects"
Hubbell manufactures one of the most complete lines of motor disconnects on the market. Designed to ensure
maximum reliability and performance, Hubbell Circuit-Lock® motor controllers meet or exceed all industry requirements.
Because our Circuit-Lock® motor controllers are also disconnects, they ensure safety, compliance, flexibility and
productivity for today’s industrial and commercial environments. Whether controlling motor loads, safely terminating
power or isolating equipment, Hubbell has the solution for you—no matter what the environment or application.
NEC® is a registered trademark of the National Fire Protection Association (NFPA).
NEMA® is a registered trademark of the National Electrical Manufacturers Association.
Variable Frequency Disconnects
Each Controller is Also a Disconnect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12