| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS9148-13 Fiches technique(PDF) 7 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS9148-13 Fiches technique(HTML) 7 Page - Integrated Circuit Systems |
|
7 / 7 page ![]() 7 ICS9148- 13 Ordering Information ICS9148F-13 Pattern Number (2 or 3 digit number for parts with ROM code patterns) Package Type F=SSOP Device Type (consists of 3 or 4 digit numbers) Prefix ICS, AV = Standard Device Example: ICS XXXX F - PPP This table in inches SSOP Package L O B M Y S S N O I S N E M I D N O M M O C S N O I T A I R A V D N . N I M. M O N. X A M. N I M. M O N. X A M A5 9 0 .1 0 1 .0 1 1 .C A0 2 6 .5 2 6 .0 3 6 .8 4 1 A8 0 0 .2 1 0 .6 1 0 . 2 A8 8 0 .0 9 0 .2 9 0 . B8 0 0 .0 1 0 .5 3 1 0 . C5 0 0 .- 0 1 0 . Ds n o i t a i r a V e e S E2 9 2 .6 9 2 .9 9 2 . eC S B 5 2 0 . 0 H0 0 4 .6 0 4 .0 1 4 . h0 1 0 .3 1 0 .6 1 0 . L4 2 0 .2 3 0 .0 4 0 . Ns n o i t a i r a V e e S ∝ ° 0 ° 5 ° 8 X5 8 0 .3 9 0 .0 0 1 . ICS reserves the right to make changes in the device data identified in this publication without further notice. ICS advises its customers to obtain the latest version of all device data to verify that any information being relied upon by the customer is current and accurate. |