Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICS9147F-03 Fiches technique(PDF) 7 Page - Integrated Circuit Systems

No de pièce ICS9147F-03
Description  Frequency Generator & Integrated Buffers for 686 Series CPUs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ICST [Integrated Circuit Systems]
Site Internet  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9147F-03 Fiches technique(HTML) 7 Page - Integrated Circuit Systems

  ICS9147F-03 Datasheet HTML 1Page - Integrated Circuit Systems ICS9147F-03 Datasheet HTML 2Page - Integrated Circuit Systems ICS9147F-03 Datasheet HTML 3Page - Integrated Circuit Systems ICS9147F-03 Datasheet HTML 4Page - Integrated Circuit Systems ICS9147F-03 Datasheet HTML 5Page - Integrated Circuit Systems ICS9147F-03 Datasheet HTML 6Page - Integrated Circuit Systems ICS9147F-03 Datasheet HTML 7Page - Integrated Circuit Systems ICS9147F-03 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
ICS9147-03
Recommended PCB Layout for ICS9147-03
NOTE:
This PCB Layout is based on a 4 layer board with an internal Ground (common) and Vcc plane. Placement of
components will depend on routing of signal trace. The 0.1uf Capacitors should be placed as close as possible
to the Power pins. Placement on the backside of the board is also possible. The Ferrite Beads can be replaced
with 10-15ohm Resistors. For best results, use a Fixed Voltage Regulator between the main (board) Vcc and the
different Vdd planes.



Html Pages

1 2 3 4 5 6 7 8